Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL31X Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL31X
Description  XM 2-stage Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL31X Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL31X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
June 2012
ASL31X
XM 2-stage Low Noise Amplifier
1) Total gain is sum of the 1st stage and 2nd stage amplifiers (not include filter loss).
2) NF is that of the 1st stage amplifier.
3) S11 is that of the 1st stage amplifier and S22 is that of the 2nd stage amplifier.
4) IIP3 is that of the 2nd stage amplifier measured with two tones at an input power of -34 dBm/tone separated by 1MHz.
5) Total current is the sum of the 1st stage and the 2nd stage amplifiers.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
2100
2200
2300
2400
2500
2600
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
ASL31X
RF OUT 2
C6=1 pF
C3=1
mF
R2=10
W
Vs=4.5 V
L4=4.3 nH
C7=1
mF
RF IN 1
C1=39 pF
L3=1.5 nH
C8=6.8 pF
C2=10 pF
R1=10
W
C4=1.5 pF
C5=1
mF
RF IN 2
RF OUT 1
BPF
L1=3.6 nH
(LQW18AN3N6D00)
L2=22 nH
(LQG18HN15NJ00)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
1)
Gp
F = 2338 GHz
29
dB
Noise Figure
2)
NF
F = 2338 GHz
0.75
dB
Input Return Loss
3)
RLin
F = 2338 GHz
-14
dB
Output Return Loss
3)
RLout
F = 2338 GHz
-17
dB
1 dB Gain Compression
Input Power
Pin(1dB)
F = 2338 GHz
-12
dBm
3
rd Intercept Point
Input Power
4)
IIP3
F = 2338 GHz
1.5
dBm
Circuit Current
5)
Icc
F = 2338 GHz,
Non-RF
45
mA
Schematic
1st stage S-parameters & K-factor
XM
2338 MHz
+4.5 V
Board Layout (FR4, 20x14 mm
2, 0.8T)
Top
Bottom
APPLICATION CIRCUIT
(TYPE 2)
* Note: C7 must be placed as close as possible to the device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com