Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL31X Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL31X
Description  XM 2-stage Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL31X Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL31X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
June 2012
ASL31X
XM 2-stage Low Noise Amplifier
1) IIP3 is measured with two tones at an input power of -36 dBm/tone separated by 1MHz.
*100% in-house DC & RF testing is done on packaged products before taping
Parameters
Units
Typical
Testing Frequency
MHz
2338
Gain
dB
30
S11
dB
-18
S22
dB
-18
Input IP3
1)
dBm
0
Noise Figure
dB
0.7
Input P1dB
dBm
-12
Current
mA
45
Device Voltage
V
4.5
Parameters
Units
Min
Typ
Max
Frequency
MHz
2338
Gain
dB
30
S11
dB
-18
S22
dB
-18
Input IP3
dBm
0
Noise Figure
dB
0.7
Input P1dB
dBm
-12
Current
mA
45
Device Voltage
V
4.5
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+4.5 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50ohm matched)
10 dBm
Features
Description
Package Style: DFN-6
·
30 dB Gain at 2338 MHz
·
-12 dBm IP1dB at 2338 MHz
·
0.7 dB NF at 2338 MHz
·
Two-stage LNA
ASL31X is a two-stage LNA, which has a low
noise, high gain, and high linearity for XM
application. The amplifier is available in a DFN-6
package and passes the stringent DC, RF, and
reliability tests.
Product Specifications*
Typical Performance
Application Circuit
·
XM (2338 MHz)
Absolute Maximum Ratings
Pin Configuration
Pin No.
Function
1
1st stage Bias
2
1st stage RF OUT
3
2nd stage RF IN
4
2nd stage RF OUT
5
VDD
6
1st stage RF IN


Similar Part No. - ASL31X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL31C ASB-ASL31C Datasheet
866Kb / 10P
Wideband Linear Amplifier MMIC
April 2017
ASL31C ASB-ASL31C_17 Datasheet
866Kb / 10P
Wideband Linear Amplifier MMIC
April 2017
More results

Similar Description - ASL31X

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB54502 FUJITSU-MB54502 Datasheet
54Kb / 8P
LOW NOISE AMPLIFIER (2 CIRCUITS)
logo
Toshiba Semiconductor
MT3S41T TOSHIBA-MT3S41T Datasheet
122Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S45T TOSHIBA-MT3S45T Datasheet
126Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
logo
E-Tech Electronics LTD
MT3S37T ETL-MT3S37T Datasheet
125Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
MT3S41FS TOSHIBA-MT3S41FS Datasheet
132Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S40T TOSHIBA-MT3S40T Datasheet
125Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S46T TOSHIBA-MT3S46T Datasheet
120Kb / 4P
VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
logo
RF Micro Devices
SPF5344Z RFMD-SPF5344Z Datasheet
550Kb / 8P
0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
logo
United Monolithic Semic...
CHA3218-99F UMS-CHA3218-99F_15 Datasheet
421Kb / 10P
2-18GHz Low Noise Amplifier
logo
Qorvo, Inc
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
Ultra Low-Noise 2-Stage Bypass LNA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com