Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL31X Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL31X
Description  XM 2-stage Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL31X Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL31X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
June 2012
ASL31X
XM 2-stage Low Noise Amplifier
1) IIP3 is measured with two tones at an input power of -36 dBm/tone separated by 1MHz.
ASL31X
RF OUT
C2=1.5 pF
C3=1
mF
R1=10
W
Vs=4.5 V
L2=22 nH
(LQG18HN15NJ00)
L4=3.9 nH
C4=1
mF
RF IN
C1=39 pF
L1=3.6 nH
(LQW18AN3N6D00)
L3=3.3 nH
C5=20 pF
XM
2338
+4.5 V
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 2338 MHz
30
dB
Noise Figure
NF
F = 2338 MHz
0.7
dB
Input Return Loss
RLin
F = 2338 MHz
-18
dB
Output Return Loss
RLout
F = 2338 MHz
-18
dB
1 dB Gain Compression
Input Power
Pin(1dB)
F = 2338 MHz
-12
dBm
3
rd Intercept Point
Input Power
1)
IIP3
F = 2338 MHz
0
dBm
Circuit Current
Icc
F = 2338 MHz
Non-RF
45
mA
Schematic
Board Layout (FR4, 20x14 mm
2, 0.8T)
Top
Bottom
S-parameters & K-factor
* Note: C4 must be placed as close as possible to the device.
APPLICATION CIRCUIT
(TYPE 1)
2100
2200
2300
2400
2500
2600
0
5
10
15
20
25
30
35
40
Frequency (MHz)
2100
2200
2300
2400
2500
2600
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2100
2200
2300
2400
2500
2600
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com