Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL563 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button ASL563 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 22Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2011
ASL563
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1MHz.
Top
C1=1.8 pF
C5=1 pF
VDD
RF OUT
ASL563
L1=3.3 nH
C3=10nF
RF IN
L2=15 nH
C4=10 pF
C6=10 nF
L3=15 nH
L4=3.3 nH
R5=6.8 k
W
R1=6.8 k
W
C7=1
mF
R3=33
W
R4=33
W
*P1
*P2
VDD
C2=1
mF
R2=1.1 k
W
R6=1 k
W
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 2.45 GHz
16
17
dB
Noise Figure
NF
F = 2.45 GHz
1.2
dB
Input Return Loss
RLin
F = 2.45 GHz
-15
dB
Output Return Loss
RLout
F = 2.45 GHz
-14
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 2.45 GHz
9
11
dBm
3
rd Intercept Point
Output Power
1)
OIP3
F = 2.45 GHz
13
17
dBm
Circuit Current
Icc
F = 2.45 GHz,
Non-RF
10
mA
Schematic
S-parameters & Noise Figure
APPLICATION CIRCUIT
2400 ~ 2500 MHz
+3 V / 10mA
Board Layout (FR4, 16x12 mm
2, 0.8T)
Note: 1) the length of the strip line P1 and P2 are given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.5 mm, Width: 0.3 mm
*P2 Length: 0.3 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1 and P2
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
S11
S22
freq (2.100GHz to 2.800GHz)
2100
2200
2300
2400
2500
2600
2700
2800
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
2100
2200
2300
2400
2500
2600
2700
2800
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (MHz)
7mm
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com