Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL563 Datasheet(PDF) 15 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 15 Page - Advanced Semiconductor Business Inc.

Back Button ASL563 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2011
ASL563
High Gain, Low Noise Amplifier
1) Total gain is sum of the 1st stage and 2nd stage amplifiers (not include filter loss).
2) NF is that of the 1st stage amplifier.
3) S11 is that of the 1st stage amplifier and S22 is that of the 2nd stage amplifier.
4) OIP3 is that of the 2nd stage amplifier measured with two tones at an output power of +0 dBm/tone separated
by 1MHz.
5) Total current is the sum of the 1st stage and the 2nd stage amplifiers.
Top
Bottom
C1=1.2 pF
C5=1.5 pF
VDD2
RF OUT1
RF OUT2
ASL563
L1=9.1 nH
C3=10 nF
C6=2 pF
RF IN1
RF IN2
L2=6.2 nH
C4=2.4 pF
C7=10 nF
L3=5.6 nH
L4=9.1 nH
R4=1.1
k
W
R5=8.2 k
W
R2=1.2
k
W
R1=9.1 k
W
C8=1
mF
C2=1
mF
R3=24
W
R6=27
W
*P1
*P2
VDD1
BPF
Schematic (with the striplines at the Pin 1 and 2)
1st stage S-parameters & K-factor
GPS
1163 ~ 1210 MHz /
1204 ~ 1240 MHz
+3 V
Board Layout (FR4, 19.4x17.4 mm
2, 0.8T)
Note: the length of the strip line P1 and P2 are given as below at the PCB
with Er = 4.5 and T = 0.8 mm.
*P1 Length: 5.0 mm, Width: 0.3 mm
*P2 Length: 2.5 mm, Width: 0.3 mm
APPLICATION CIRCUIT
(TYPE 2)
Strip lines (P1 & P2)
freq (900.0MHz to 1.400GHz)
S11
S22
900
1000
1100
1200
1300
1400
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Parameter
Symbol
Unit
Frequency [MHz]
1163-1210
1204-1240
Power Gain
Gp
dB
24.5
26
Noise Figure
NF
dB
1.1
1.0
Input Return Loss
RLin
dB
-15
-15
Output Return Loss
RLout
dB
-15
-16
1 dB Gain Compression
Output Power
Po(1dB)
dBm
10
10.5
3
rd Intercept Point
Output Power
1)
OIP3
dBm
21
21
Current
Icc
mA
7.7
7.7
Device Voltage
Vdd
V
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com