Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL563 Datasheet(PDF) 22 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 22 Page - Advanced Semiconductor Business Inc.

Back Button ASL563 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 22Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22/22
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2011
ASL563
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1MHz.
Top
C1=1.5 pF
C5=1 pF
VDD
RF OUT
ASL563
L1=3.3 nH
C3=10nF
RF IN
L2=15 nH
C4=10 pF
C6=10 nF
L3=15 nH
L4=3.3 nH
R5=9.1 k
W
R1=8.2 k
W
C7=1
mF
R3=33
W
R4=33
W
*P1
*P2
VDD
C2=1
mF
R2=1.2
k
W
R6=1.1 k
W
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 2.45 GHz
18
19
dB
Noise Figure
NF
F = 2.45 GHz
1
1.1
dB
Input Return Loss
RLin
F = 2.45 GHz
-15
dB
Output Return Loss
RLout
F = 2.45 GHz
-15
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 2.45 GHz
9
11
dBm
3
rd Intercept Point
Output Power
1)
OIP3
F = 2.45 GHz
13
18
dBm
Circuit Current
Icc
F = 2.45 GHz,
Non-RF
15
mA
Schematic
S-parameters & Noise Figure
APPLICATION CIRCUIT
2400 ~ 2500 MHz
+3 V / 15mA
Board Layout (FR4, 16x12 mm
2, 0.8T)
Note: 1) the length of the strip line P1 and P2 are given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.5 mm, Width: 0.3 mm
*P2 Length: 0.3 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1 and P2
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
2100
2200
2300
2400
2500
2600
2700
2800
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (MHz)
S11
S22
freq (2.100GHz to 2.800GHz)
2100
2200
2300
2400
2500
2600
2700
2800
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
7mm
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com