Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL563 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASL563 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2011
ASL563
High Gain, Low Noise Amplifier
1) Total gain is sum of the 1st stage and 2nd stage amplifiers (not include filter loss).
2) NF is that of the 1st stage amplifier.
3) S11 is that of the 1st stage amplifier and S22 is that of the 2nd stage amplifier.
4) OIP3 is that of the 2nd stage amplifier measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
5) Total current is the sum of the 1st stage and the 2nd stage amplifiers.
Top
Bottom
C1=1.2
pF
C5=1 pF
VDD2
RF OUT1
RF OUT2
ASL563
L1=5.6 nH
C3=10 nF
C6=20 pF
RF IN1
RF IN2
L2=6.8 nH
C4=20 pF
C7=10 nF
L3=6.2 nH
L4=6.2 nH
R4=1.1 k
W
R5=8.2 k
W
R2=1.2
k
W
R1=9.1 k
W
C8=1
mF
C2=1
mF
R3=24
W
R6=27
W
*P1
*P2
VDD1
BPF
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
1)
Gp
F = 1.575 GHz
24
25
dB
Noise Figure
2)
NF
F = 1.575 GHz
1.1
1.3
dB
Input Return Loss
3)
RLin
F = 1.575 GHz
-15
dB
Output Return Loss
3)
RLout
F = 1.575 GHz
-15
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1.575 GHz
8
10
dBm
3
rd Intercept Point
Output Power
4)
OIP3
F = 1.575 GHz
17
19
dBm
Circuit Current
5)
Icc
F = 1.575 GHz,
Non-RF
7.7
mA
Schematic (with the striplines at the Pin 1 and 2)
1st stage S-parameters & Noise Figure
GPS
1575 MHz
+3 V
Board Layout (FR4, 19.4x17.4 mm
2, 0.8T)
Note: the length of the strip line P1 and P2 are given as below at the PCB
with Er = 4.5 and T = 0.8 mm.
*P1 Length: 1.0 mm, Width: 0.3 mm
*P2 Length: 0.65 mm, Width: 0.3 mm
APPLICATION CIRCUIT
(TYPE 2)
Strip lines (P1 & P2)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
S11
S22
freq (1.400GHz to 1.800GHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com