Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  5-8000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW114 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASW114
5-8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1
MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
70
150
300
450
Magnitude S21 (dB)
21
21
21
20.5
Magnitude S11 (dB)
-15
-18
-18
-18
Magnitude S22 (dB)
-18
-16
-16
-16
Output P1dB (dBm)
12
12
12
12
Output IP3
1) (dBm)
22.5
22.5
23
23.5
Noise Figure (dB)
--
--
--
--
Device Voltage (V)
3.2
3.2
3.2
3.2
Current (mA)
37
37
37
37
IF
70 ~ 450 MHz
+3.2 V
100
200
300
400
500
0
5
10
15
20
25
Frequency (MHz)
100
200
300
400
500
-35
-30
-25
-20
-15
-10
-5
Frequency (MHz)
100
200
300
400
500
-35
-30
-25
-20
-15
-10
-5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=1000 pF
L1=680 nH
C2=1000 pF
Vcc=3.2 V
RF IN
RF OUT
C3=100pF
C4=1 mF
D1=5.6V
Zener Diode
ASW114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com