Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  5-8000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASW114 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASW114
5-8000 MHz MMIC Amplifier
1) OIP3 and OIP2 are measured with two tones at an output power of +0
dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
L1=820 nH
Vs=3.1 V
RF IN
RF OUT
C3=1 mF
ASW114
C1=1 mF
C2=1 mF
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
Frequency(MHz)
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency(MHz)
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Magnitude S21 (dB)
19.5
19
18.5
Magnitude S11 (dB)
-12.5
-17
-20
Magnitude S22 (dB)
-15
-20
-15
Output P1dB (dBm)
11
11
11
Output IP3
1) (dBm)
17
19
20
Output IP2
1),2) (dBm)
16
24
26
Noise Figure (dB)
2.9
3.1
3.2
Device Voltage (V)
3.1
3.1
3.1
Current (mA)
25
25
25
CATV (75 ohms)
50 ~ 1000 MHz
+3.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com