Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  5-8000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASW114 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASW114
5-8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by
1 MHz.
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
0
1
2
3
4
5
Frequency (MHz)
6200
6400
6600
6800
7000
7200
7400
7600
7800
8000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
6200
6400
6600
6800
7000
7200
7400
7600
7800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
6200
6400
6600
6800
7000
7200
7400
7600
7800
8000
0
2
4
6
8
10
12
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
6500
7800
Magnitude S21 (dB)
9.8
9.1
Magnitude S11 (dB)
-11
-8
Magnitude S22 (dB)
-18
-18
Output P1dB (dBm)
6
3
Output IP3
1) (dBm)
15.5
14.0
Noise Figure (dB)
5.6
5.5
Device Voltage (V)
3.2
3.2
Current (mA)
37
37
6500 ~ 7800 MHz
+3.2 V
C1=1 pF
C2=4 pF
Vs=3.2 V
RF IN
RF OUT
C5=10 pF
ASW114
C3=0.3 pF
L1=5.6 nH
C6=1 mF
C4=0.3 pF
D1=5.6V
Zener Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com