Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  5-8000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASW114 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASW114
5-8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1
MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
4000
5000
5800
6000
Magnitude S21 (dB)
13
11.5
10.5
10.5
Magnitude S11 (dB)
-18
-18
-14
-14
Magnitude S22 (dB)
-14
-16
-18
-16
Output P1dB (dBm)
13
12
12
11
Output IP3
1) (dBm)
25
25
23
22.5
Noise Figure (dB)
3.4
3.8
3.9
3.9
Device Voltage (V)
3.2
3.2
3.2
3.2
Current (mA)
37
37
37
37
4000 ~ 6000 MHz
+3.2 V
3000
3500
4000
4500
5000
5500
6000
6500
7000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
3000
3500
4000
4500
5000
5500
6000
6500
7000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
1000
2000
3000
4000
5000
6000
7000
8000
0
1
2
3
4
5
Frequency (MHz)
3000
3500
4000
4500
5000
5500
6000
6500
7000
0
5
10
15
20
Frequency (MHz)
C1=5 pF
L1=6.8 nH
C2=5 pF
Vcc=3.2 V
RF IN
RF OUT
C3=10 pF
C4=1 mF
D1=5.6V
Zener Diode
ASW114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com