Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6642U Datasheet(PDF) 3 Page - STMicroelectronics

Part # 1N6642U
Description  Aerospace 0.3 A - 100 V switching diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N6642U Datasheet(HTML) 3 Page - STMicroelectronics

  1N6642U Datasheet HTML 1Page - STMicroelectronics 1N6642U Datasheet HTML 2Page - STMicroelectronics 1N6642U Datasheet HTML 3Page - STMicroelectronics 1N6642U Datasheet HTML 4Page - STMicroelectronics 1N6642U Datasheet HTML 5Page - STMicroelectronics 1N6642U Datasheet HTML 6Page - STMicroelectronics 1N6642U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N6642U
Characteristics
Doc ID 16972 Rev 2
3/7
Table 5.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
IF = IR = 10 mA
(1)
--
9
ns
IF = 1 A, Vr = 30 V, dI/dt = -15 A/µs
20
VFP
Forward recovery voltage
IFM = 200 mA
-
-
5
V
tFR
Forward recovery time
IFM = 200 mA
-
-
20
ns
Cj
Diode capacitance
VR = 0 V, V = 50 mV, F = 1 MHz
-
-
5
pF
VR = 1.5 V, V = 50 mV, F = 1 MHz
-
-
2.8
pF
1.
Guaranteed but not tested
Figure 1.
Forward voltage drop versus
forward current (typical values)
Figure 2.
Forward voltage drop versus
forward current (maximum values)
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
j=-55 °C
T
j=150 °C
T
j=150 °C
T
j=25 °C
T
j=25 °C
V
(V)
FM
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
j=-55 °C
T
j=150 °C
T
j=150 °C
T
j=25 °C
T
j=25 °C
V
(V)
FM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com