Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6642U Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1N6642U
Description  Aerospace 0.3 A - 100 V switching diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N6642U Datasheet(HTML) 4 Page - STMicroelectronics

  1N6642U Datasheet HTML 1Page - STMicroelectronics 1N6642U Datasheet HTML 2Page - STMicroelectronics 1N6642U Datasheet HTML 3Page - STMicroelectronics 1N6642U Datasheet HTML 4Page - STMicroelectronics 1N6642U Datasheet HTML 5Page - STMicroelectronics 1N6642U Datasheet HTML 6Page - STMicroelectronics 1N6642U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
1N6642U
4/7
Doc ID 16972 Rev 2
Figure 5.
Junction capacitance versus reverse voltage applied (typical values)
Figure 3.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 4.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
I (nA)
R
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
1020304050
60708090
100
110
T
j=150 °C
T
j=25 °C
T
j=75 °C
V (V)
R
Z/R
th
th(j-c)
(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
P
C(pF)
0.1
1.0
10.0
110
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V (V)
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com