Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6642U Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1N6642U
Description  Aerospace 0.3 A - 100 V switching diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N6642U Datasheet(HTML) 1 Page - STMicroelectronics

  1N6642U Datasheet HTML 1Page - STMicroelectronics 1N6642U Datasheet HTML 2Page - STMicroelectronics 1N6642U Datasheet HTML 3Page - STMicroelectronics 1N6642U Datasheet HTML 4Page - STMicroelectronics 1N6642U Datasheet HTML 5Page - STMicroelectronics 1N6642U Datasheet HTML 6Page - STMicroelectronics 1N6642U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2011
Doc ID 16972 Rev 2
1/7
7
1N6642U
Aerospace 0.3 A - 100 V switching diode
Features
■ Surface mount hermetic package
■ High thermal conductivity materials
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop
■ Target radiation qualification:
– 150 krad (Si) low dose rate
– 3 Mrad high dose rate
■ Package weight: 0.12 g
Description
This power ultrafast recovery rectifier is designed
and packaged to comply with the ESCC5000
specification for aerospace products. It is housed
in a surface mount hermetically sealed LCC-2D
package whose footprint is 100% compatible with
industry standard solutions in D5A.
The 1N6642U is suitable for switching mode
power supplies and high frequency DC to DC
converters such as low voltage high frequency
inverter, free wheeling or polarity protection.
A
K
K
A
LCC-2D
Table 1.
Device summary(1)
1.
Contact ST sales office for information about the specific conditions for products in die form and gold plated version.
Order code
ESCC detailed
specification
Quality level
EPPL
IF(AV)
VRRM
Tj(max)
VF (max)
1N6642UD1
-
Engineering
model
-
0.3 A
100 V
175 °C
1.2 V
1N6642U02D
5101/026/xx
Flight part
Target
www.st.com


Similar Part No. - 1N6642U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6642U CDI-DIODE-1N6642U Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Microsemi Corporation
1N6642U MICROSEMI-1N6642U Datasheet
52Kb / 2P
SWITCHING DIODES
logo
List of Unclassifed Man...
1N6642U ETC1-1N6642U Datasheet
63Kb / 4P
SIGNAL OR COMPUTER DIODE
logo
Sensitron
1N6642U SENSITRON-1N6642U Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
logo
Compensated Deuices Inc...
1N6642US CDI-DIODE-1N6642US Datasheet
70Kb / 2P
SWITCHING DIODES
More results

Similar Description - 1N6642U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
logo
STMicroelectronics
1N6640U STMICROELECTRONICS-1N6640U Datasheet
84Kb / 7P
Aerospace 0.3 A - 75 V switching diode
23-Sep-2011
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
RTP315N10F7 STMICROELECTRONICS-RTP315N10F7 Datasheet
822Kb / 13P
Aerospace and defense N-channel 100 V
26-Sep-2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com