Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6640U Datasheet (PDF) - STMicroelectronics

1N6640U Datasheet PDF - STMicroelectronics
Part # 1N6640U
Download  1N6640U Download
File Size   84.51 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 0.3 A - 75 V switching diode

1N6640U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6640U Datasheet PDF - STMicroelectronics

Part # 1N6640U
Download  1N6640U Click to download

File Size   84.51 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 0.3 A - 75 V switching diode

1N6640U Datasheet (HTML) - STMicroelectronics


1N6640U Product details

Description
Packaged in LCC2D this device intended for use in low voltage, high frequency inverters, free wheeling, polarity protection and other aerospace applications.

Features
• Surface mount hermetic package
• High thermal conductivity materials
• Very small conduction losses
• Negligible switching losses
• Extremely fast switching
• Low forward voltage drop
• Target radiation qualification
   – 150 krad (Si) low dose rate
   – 3 Mrad (Si) high dose rate
• Package mass: 0.12 g




Similar Part No. - 1N6640U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6640U ETC1-1N6640U Datasheet
63Kb / 4P
SIGNAL OR COMPUTER DIODE
logo
Compensated Deuices Inc...
1N6640US CDI-DIODE-1N6640US Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Microsemi Corporation
1N6640US MICROSEMI-1N6640US Datasheet
34Kb / 1P
300 mAmp 75-100 Volts 4 nsec Computer Switching Diode
1N6640US MICROSEMI-1N6640US Datasheet
52Kb / 2P
SWITCHING DIODES
logo
Sensitron
1N6640US SENSITRON-1N6640US Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
More results


Similar Description - 1N6640U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
logo
STMicroelectronics
1N6642U STMICROELECTRONICS-1N6642U Datasheet
85Kb / 7P
Aerospace 0.3 A - 100 V switching diode
23-Sep-2011
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com