Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6642U Datasheet (PDF) - STMicroelectronics

1N6642U Datasheet PDF - STMicroelectronics
Part # 1N6642U
Download  1N6642U Download
File Size   85.0 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 0.3 A - 100 V switching diode

1N6642U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6642U Datasheet PDF - STMicroelectronics

Part # 1N6642U
Download  1N6642U Click to download

File Size   85.0 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 0.3 A - 100 V switching diode

1N6642U Datasheet (HTML) - STMicroelectronics


1N6642U Product details

Description
This power ultrafast recovery rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. It is housed in a surface mount hermetically sealed LCC2D package whose footprint is 100% compatible with industry standard solutions in D5A.

Features
• Surface mount hermetic package
• High thermal conductivity materials
• Very small conduction losses
• Negligible switching losses
• Extremely fast switching
• Low forward voltage drop
• Target radiation qualification
    – 150 krad (Si) low dose rate
    – 3 Mrad (Si) high dose rate
• Package mass: 0.12 g




Similar Part No. - 1N6642U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6642U CDI-DIODE-1N6642U Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Microsemi Corporation
1N6642U MICROSEMI-1N6642U Datasheet
52Kb / 2P
SWITCHING DIODES
logo
List of Unclassifed Man...
1N6642U ETC1-1N6642U Datasheet
63Kb / 4P
SIGNAL OR COMPUTER DIODE
logo
Sensitron
1N6642U SENSITRON-1N6642U Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
logo
Compensated Deuices Inc...
1N6642US CDI-DIODE-1N6642US Datasheet
70Kb / 2P
SWITCHING DIODES
More results


Similar Description - 1N6642U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
logo
STMicroelectronics
1N6640U STMICROELECTRONICS-1N6640U Datasheet
84Kb / 7P
Aerospace 0.3 A - 75 V switching diode
23-Sep-2011
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
RTP315N10F7 STMICROELECTRONICS-RTP315N10F7 Datasheet
822Kb / 13P
Aerospace and defense N-channel 100 V
26-Sep-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com