Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STULPI01A
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STULPI01A_12 Datasheet HTML 17Page - STMicroelectronics STULPI01A_12 Datasheet HTML 18Page - STMicroelectronics STULPI01A_12 Datasheet HTML 19Page - STMicroelectronics STULPI01A_12 Datasheet HTML 20Page - STMicroelectronics STULPI01A_12 Datasheet HTML 21Page - STMicroelectronics STULPI01A_12 Datasheet HTML 22Page - STMicroelectronics STULPI01A_12 Datasheet HTML 23Page - STMicroelectronics STULPI01A_12 Datasheet HTML 24Page - STMicroelectronics STULPI01A_12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
STULPI01A, STULPI01B
Block description
Doc ID 14817 Rev 4
21/44
and sensing. The digital part consists of a serializer and deserializer, transforming serial bit
stream to 8-bit parallel port, and finite state machine implementing the PHY protocol layer,
bit stuffing, unstuffing, etc.
Figure 7.
USB 2.0 PHY block diagram
6.12
Power saving features
To reduce power consumption, the STULPI01 implements 2 Low-power modes of operation.
1.
Low-power mode, which is defined in the ULPI specification.
2.
Power-down mode to save more power in case USB function is not needed.
More information on these modes can be found in the following paragraphs.
6.13
Modes of operation
6.13.1
ULPI synchronous mode
The STULPI01 transceiver supports SDR mode operation (12-pin interface). The selection
of SDR mode is performed during the startup reset procedure.
6.13.2
6-pin FS/LS serial mode
This mode is entered by writing to the corresponding bit in the Interface Control register.
6.13.3
3-pin FS/LS serial mode
This mode is entered by writing to the corresponding bit in the Interface Control register.
HS
Ser-Des
LS/FS
Ser-Des
HS Disconnect Det.
Squelch Detector
LS/FS SE Receivers
3.3 V
3.3 V
19.25 k
Ω
DP
DN
AM04949v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com