Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STULPI01A
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STULPI01A_12 Datasheet HTML 28Page - STMicroelectronics STULPI01A_12 Datasheet HTML 29Page - STMicroelectronics STULPI01A_12 Datasheet HTML 30Page - STMicroelectronics STULPI01A_12 Datasheet HTML 31Page - STMicroelectronics STULPI01A_12 Datasheet HTML 32Page - STMicroelectronics STULPI01A_12 Datasheet HTML 33Page - STMicroelectronics STULPI01A_12 Datasheet HTML 34Page - STMicroelectronics STULPI01A_12 Datasheet HTML 35Page - STMicroelectronics STULPI01A_12 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ULPI registers
STULPI01A, STULPI01B
32/44
Doc ID 14817 Rev 4
Note:
04h-06h(Read), 04h(Write), 05h(Set), 06h(Clear). These addresses control UTMI function
setting of the USB transceiver PHY.
Table 17.
Function control register
Field name
Bits
Access
Reset
Description
XcvrSelect
1:0
rd/wr/s/c
01b
Selects the required transceiver speed.
00b: enables HS transceiver
01b: enables FS transceiver
10b: enables LS transceiver
11b: enables FS transceiver for LS packets (FS preamble
is automatically pre-pended)
Important note: Every time XcvrSelect is changed to
‘00’, the output ULPI clock is stopped for the time needed
for internal DLL calibration.
TermSelect
2
rd/wr/s/c
0b
Controls the internal pull-up resistors or HS terminations.
Control over these resistors changes depending on
XcvrSelect, OpMode, DpPulldown and DmPulldown, as
shown in Table 24.
OpMode
4:3
rd/wr/s/c
00b
Selects the required bit encoding style during transmit.
00b: normal operation
01b: non-driving
10b: disables bit-stuff and NRZI encoding
11b: does not automatically add SYNC and EOP when
transmitting. Must be used only for HS packets.
Reset
5
rd/wr/s/c
0b
Active high transceiver reset. After the link sets this bit,
the STULPI01 asserts DIR and reset the UTMI+ core.
When the reset is complete, the STULPI01 de-asserts
DIR and automatically clears this bit. After de-asserting
DIR, the STULPI01 re-asserts DIR and sends an RX
CMD update to the link.
Note: If Reset bit is set to ‘1’ and SuspendM bit is set to
‘0’ in the same register access, SuspendM bit takes
higher priority and the chip enters Low-power mode.
Reset bit is cleared.
SuspendM
6
rd/wr/s/c
1b
Active low PHY suspend. Puts PHY into Low-power
mode. The STULPI01 automatically sets this bit to ‘1’
when Low-power mode is exited.
0b: Low-power mode
1b: Powered
Note: If Reset bit is set to ‘1’ and SuspendM bit is set to
‘0’ in the same register access, SuspendM bit takes
higher priority and the chip enters Low-power mode.
Reset bit is cleared.
Reserved
7
rd/wr/s/c
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com