Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STULPI01A
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STULPI01A_12 Datasheet HTML 34Page - STMicroelectronics STULPI01A_12 Datasheet HTML 35Page - STMicroelectronics STULPI01A_12 Datasheet HTML 36Page - STMicroelectronics STULPI01A_12 Datasheet HTML 37Page - STMicroelectronics STULPI01A_12 Datasheet HTML 38Page - STMicroelectronics STULPI01A_12 Datasheet HTML 39Page - STMicroelectronics STULPI01A_12 Datasheet HTML 40Page - STMicroelectronics STULPI01A_12 Datasheet HTML 41Page - STMicroelectronics STULPI01A_12 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ULPI registers
STULPI01A, STULPI01B
38/44
Doc ID 14817 Rev 4
Note:
Address 15h(Read-only) indicates the current value of various signals useful for debugging.
Note:
Address 16h-18h(Read), 16h(Write), 17h(Set), 18h(Clear).
Note:
Address 19h-1Bh(Read), 19h(Write), 1Ah(Set), 1Bh(Clear).
Table 25.
Debug register
Field name
Bits
Access
Reset
Description
LineState0
0
rd
0b
Contains the current value of LineState(0)
LineState1
1
rd
0b
Contains the current value of LineState(1)
Reserved
7:2
rd
0b
Reserved
Table 26.
Scratch register
Field name
Bits
Access
Reset
Description
Scratch
7:0
rd/wr/s/c
00b
Empty register byte for testing purposes. The software can
read, write, set, and clear this register and the STULPI01
functionality is not affected.
Table 27.
Car kit control register
Field name
Bits
Access
Reset
Description
Reserved
0rd/wr/s/c
0b
Reserved
1rd/wr/s/c
0b
TxdEn
2
rd/wr/s/c
0b
Enables TXD signal in Car Kit mode
RxdEn
3
rd/wr/s/c
0b
Enables RXD signal in Car Kit mode
Reserved
4rd/wr/s/c
0b
Reserved
5rd/wr/s/c
0b
Reserved
6rd/wr/s/c
0b
Reserved
7rd/wr/s/c
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com