Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STULPI01A
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STULPI01A_12 Datasheet HTML 26Page - STMicroelectronics STULPI01A_12 Datasheet HTML 27Page - STMicroelectronics STULPI01A_12 Datasheet HTML 28Page - STMicroelectronics STULPI01A_12 Datasheet HTML 29Page - STMicroelectronics STULPI01A_12 Datasheet HTML 30Page - STMicroelectronics STULPI01A_12 Datasheet HTML 31Page - STMicroelectronics STULPI01A_12 Datasheet HTML 32Page - STMicroelectronics STULPI01A_12 Datasheet HTML 33Page - STMicroelectronics STULPI01A_12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ULPI registers
STULPI01A, STULPI01B
30/44
Doc ID 14817 Rev 4
8
ULPI registers
Table 13.
ULPI register map overview
Field name
Size (bits)
Address (6 bits)
Rd
Wr
Set
Clr
Immediate register set
Vendor ID low
8
00h
-
-
-
Vendor ID high
8
01h
-
-
-
Product ID low
8
02h
-
-
-
Product ID high
8
03h
-
-
-
Function control
8
04-06h
04h
05h
06h
Interface control
8
07-09h
07h
08h
09h
OTG control
8
0A-0Ch
0Ah
0Bh
0Ch
USB interrupt enable rising
8
0D-0Fh
0Dh
0Eh
0Fh
USB interrupt enable falling
8
10-12h
10h
11h
12h
USB interrupt status register
8
13h
-
-
-
USB interrupt latch register
8
14h
-
-
-
Debug
8
15h
-
-
-
Scratch
8
16-18h
16h
17h
18h
Car kit control register
8
16-1Bh
19h
1Ah
1Bh
Reserved
8
1C-2Eh
Access extended register set (see Table 14)8
-
2Fh
-
-
Reserved
8
30-3Ch
Power control
3D-3Fh
Extended register set
Address (8 bits)
Maps to immediate register set above
8
00-3Fh
Reserved
8
40-FFh
Table 14.
Register access legend
Access code
Expanded name
Meaning
rd
Read
Register can be read. Read-only if this is the only mode given.
wr
Write
Pattern on the data bus is written over all bits of the register.
sSet
Pattern on the data bus is OR’d with the register value and written into
the register.
c
Clear
Pattern on the data bus is a mask. If a bit in the mask is set, then the
corresponding register bit is set to zero (cleared).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com