Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 1.1 V nanopower comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS881 Datasheet HTML 2Page - STMicroelectronics TS881 Datasheet HTML 3Page - STMicroelectronics TS881 Datasheet HTML 4Page - STMicroelectronics TS881 Datasheet HTML 5Page - STMicroelectronics TS881 Datasheet HTML 6Page - STMicroelectronics TS881 Datasheet HTML 7Page - STMicroelectronics TS881 Datasheet HTML 8Page - STMicroelectronics TS881 Datasheet HTML 9Page - STMicroelectronics TS881 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TS881
6/17
Doc ID 023340 Rev 1
TPHL
Propagation delay
(high to low)
f= 1 kHz,CL =30 pF, RL =1MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
6.4
2.3
12
14
3.0
3.7
µs
TR
Rise time (10% to 90%)
CL =30pF, RL =1 MΩ
120
ns
TF
Fall time (90% to 10%)
CL =30pF, RL =1 MΩ
130
ns
TON
Power-up time
0.9
1.5
ms
1.
All values over the temperature range are guaranteed through correlation and simulation. No production test is performed
at the temperature range limits.
2.
The offset is defined as the average value of positive and negative trip points (input voltage differences requested to
change the output state in each direction).
3.
The hysteresis is a built-in feature of the TS881. It is defined as the voltage difference between the trip points.
4.
Maximum values include unavoidable inaccuracies of the industrial tests.
Table 5.
VCC =+5V, Tamb = +25 °C, VICM =VCC/2 (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage(2)
-40 °C < Tamb < +125 °C
-6
1
6
mV
ΔVIO
Input offset voltage drift
-40 °C < Tamb < +125 °C
3
µV/°C
VHYST Input hysteresis voltage
(3)
-40 °C < Tamb < +125 °C
1.6
3.1
4.2
mV
IIO
Input offset current(4)
-40 °C < Tamb < +125 °C
10
100
pA
IIB
Input bias current(4)
-40 °C < Tamb < +125 °C
110
100
pA
ICC
Supply current per operator
No load, output low, VID = -0.1 V
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
No load, output high, VID = +0.1 V
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
350
250
500
750
1350
400
650
1250
nA
ISC
Short-circuit current
Source
Sink
32
36
mA
VOH
Output voltage high
Isource =2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
4.86
4.75
4.60
4.90
V
VOL
Output voltage low
Isink =2mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
95
130
170
280
mV
Table 4.
VCC =+2.7V, Tamb =+25 °C, VICM =VCC/2 (unless otherwise specified)
(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com