Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 1.1 V nanopower comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 1 Page - STMicroelectronics

  TS881 Datasheet HTML 1Page - STMicroelectronics TS881 Datasheet HTML 2Page - STMicroelectronics TS881 Datasheet HTML 3Page - STMicroelectronics TS881 Datasheet HTML 4Page - STMicroelectronics TS881 Datasheet HTML 5Page - STMicroelectronics TS881 Datasheet HTML 6Page - STMicroelectronics TS881 Datasheet HTML 7Page - STMicroelectronics TS881 Datasheet HTML 8Page - STMicroelectronics TS881 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
July 2012
Doc ID 023340 Rev 1
1/17
17
TS881
Rail-to-rail 1.1 V nanopower comparator
Datasheet
−production data
Features
■ Ultra low current consumption: 210 nA typ.
■ Propagation delay: 2 µs typ.
■ Rail-to-rail inputs
■ Push-pull output
■ Supply operation from 1.1 V to 5.5 V
■ Wide temperature range: -40 to +125 °C
■ ESD tolerance: 4 kV HBM / 300 V MM
■ SMD package
Applications
■ Portable systems
■ Signal conditioning
■ Medical
Description
The TS881 device is a single comparator
featuring ultra low supply current (210 nA typical
with output high, VCC = 1.2 V, no load) with rail-to-
rail input and output capability. The performance
of this comparator allows it to be used in a wide
range of portable applications. The TS881 device
minimizes battery supply leakage and therefore
enhances battery lifetime.
Operating from 1.1 to 5.5 V supply voltage, this
comparator can be used over a wide temperature
range (-40 to +125 °C) keeping the current
consumption at an ultra low level.
The TS881 device is available in the SC70-5
package, allowing great space saving on the
PCB.
Figure 1.
Pin connections (top view)
SC70-5 (top view)
www.st.com


Similar Part No. - TS881

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ICT STMICROELECTRONICS-TS881ICT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881 STMICROELECTRONICS-TS881_V01 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
More results

Similar Description - TS881

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221 Datasheet
84Kb / 9P
SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
Dec-2002
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
TS882 STMICROELECTRONICS-TS882 Datasheet
1Mb / 26P
Rail-to-rail 1.1 V dual and quad nanopower comparators
July 2014 Rev 3
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com