Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 1.1 V nanopower comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS881 Datasheet HTML 9Page - STMicroelectronics TS881 Datasheet HTML 10Page - STMicroelectronics TS881 Datasheet HTML 11Page - STMicroelectronics TS881 Datasheet HTML 12Page - STMicroelectronics TS881 Datasheet HTML 13Page - STMicroelectronics TS881 Datasheet HTML 14Page - STMicroelectronics TS881 Datasheet HTML 15Page - STMicroelectronics TS881 Datasheet HTML 16Page - STMicroelectronics TS881 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TS881
Package information
Doc ID 023340 Rev 1
15/17
Figure 34.
SC70-5 (SOT323-5) package outline
Table 6.
SC70-5 (SOT323-5) package mechanical data
Symbol
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
0.9
1.00
31.5
35.4
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.22
3.9
8.7
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.25
1.35
45.3
49.2
53.1
e
0.65
25.6
e1
1.3
51.2
L
0.26
0.36
0.46
10.2
14.2
18.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com