Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 1.1 V nanopower comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 4 Page - STMicroelectronics

  TS881 Datasheet HTML 1Page - STMicroelectronics TS881 Datasheet HTML 2Page - STMicroelectronics TS881 Datasheet HTML 3Page - STMicroelectronics TS881 Datasheet HTML 4Page - STMicroelectronics TS881 Datasheet HTML 5Page - STMicroelectronics TS881 Datasheet HTML 6Page - STMicroelectronics TS881 Datasheet HTML 7Page - STMicroelectronics TS881 Datasheet HTML 8Page - STMicroelectronics TS881 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TS881
4/17
Doc ID 023340 Rev 1
2
Electrical characteristics
Table 3.
VCC =+1.2V, Tamb = +25 °C, VICM =VCC/2 (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage(2)
-40 °C < Tamb < +125 °C
-6
1
6
mV
ΔVIO
Input offset voltage drift
-40 °C < Tamb < +125 °C
3
µV/°C
VHYST Input hysteresis voltage
(3)
-40 °C < Tamb < +125 °C
1.6
2.4
4.2
mV
IIO
Input offset current(4)
-40 °C < Tamb < +125 °C
10
100
pA
IIB
Input bias current(4)
-40 °C < Tamb < +125 °C
110
100
pA
ICC
Supply current per operator
No load, output low, VID = -0.1 V
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
No load, output high, VID = +0.1 V
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
300
210
450
500
1050
350
400
950
nA
ISC
Short-circuit current
Source
Sink
1.4
1.0
mA
VOH
Output voltage high
Isource =0.2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
1.13
1.10
1.00
1.15
V
VOL
Output voltage low
Isink =0.2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
40
50
60
70
mV
CMRR
Common mode rejection ratio
0 < VICM < VCC
-40 °C < Tamb < +125 °C
50
68
dB
TPLH
Propagation delay
(low to high)
f= 1 kHz,CL =30 pF, RL =1MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
6
2.2
11
13
3.1
3.4
µs
TPHL
Propagation delay
(high to low)
f= 1 kHz,CL =30 pF, RL =1MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
5.1
2.0
8
10
2.6
3.1
µs
TR
Rise time (10% to 90%)
CL =30pF, RL =1 MΩ
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com