Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC1021
Description  High-side current sense amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC1021 Datasheet HTML 2Page - STMicroelectronics TSC1021 Datasheet HTML 3Page - STMicroelectronics TSC1021 Datasheet HTML 4Page - STMicroelectronics TSC1021 Datasheet HTML 5Page - STMicroelectronics TSC1021 Datasheet HTML 6Page - STMicroelectronics TSC1021 Datasheet HTML 7Page - STMicroelectronics TSC1021 Datasheet HTML 8Page - STMicroelectronics TSC1021 Datasheet HTML 9Page - STMicroelectronics TSC1021 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
TSC1021
6/12
Doc ID 17857 Rev 1
ΔVout
Total output voltage accuracy(2)
Vsense = 10 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±12
±15
%
ΔVout/ΔIout Output stage load regulation
-5 mA < Iout <5 mA
Iout sink or source current
±0.4
±2
mV/mA
Voh
Out high level saturation voltage
Voh=Vcc-Vout
Vsense = 1 V, Iout = 1 mA
Tamb = 25° C
-40°C< Tamb < 125°C
90
135
185
mV
Vol
Out low level saturation voltage
Vsense = -1 V, Iout = 1 mA
Tamb = 25° C
-40°C< Tamb < 125°C
80
125
165
mV
1.
See Chapter 5: Parameter definitions.
2.
Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th = Av x Vsense.
See Chapter 5: Parameter definitions for a more detailed definition.
Table 5.
Electrical performances
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
Dynamic performances
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Vout settling to 1% final value
Vsense = 10 mV to 100 mV,
Cload = 47 pF
7µs
SR
Slew rate
Vsense = 10 mV to 100 mV
0.3
0.45
V/µs
BW
3 dB bandwidth
Cload = 47 pF
800
kHz
eN
Equivalent input noise voltage
f = 1 kHz
50
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com