Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC1021
Description  High-side current sense amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC1021 Datasheet HTML 3Page - STMicroelectronics TSC1021 Datasheet HTML 4Page - STMicroelectronics TSC1021 Datasheet HTML 5Page - STMicroelectronics TSC1021 Datasheet HTML 6Page - STMicroelectronics TSC1021 Datasheet HTML 7Page - STMicroelectronics TSC1021 Datasheet HTML 8Page - STMicroelectronics TSC1021 Datasheet HTML 9Page - STMicroelectronics TSC1021 Datasheet HTML 10Page - STMicroelectronics TSC1021 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TSC1021
Parameter definitions
Doc ID 17857 Rev 1
7/12
5
Parameter definitions
5.1
Common mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current-sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
5.2
Supply voltage rejection ratio (SVR)
The supply-voltage rejection ratio (SVR) measures the ability of the current-sensing
amplifier to reject any variation of the supply voltage VCC. The SVR is referred back to the
input so that its effect can be compared with the applied differential signal. The SVR is
defined by the formula:
5.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Vout vs. the Vsense curve with the X-axis. If Vout1 is the output voltage with
Vsense = Vsense1 = 50 mV and Vout2 is the output voltage with Vsense = Vsense2 = 5 mV, then
Vos can be calculated with the following formula.
5.4
Output voltage drift versus temperature
The output voltage drift versus temperature is defined as the maximum variation of Vout with
respect to its value at 25°C, over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
CMR
20
–
ΔV
out
ΔV
icm
Av
⋅
------------------------------
log
⋅
=
SVR
20
–
ΔV
out
ΔV
cc
Av
⋅
---------------------------
log
⋅
=
V
os
V
sense1
V
sense1
V
sense2
–
V
out1
V
out2
–
------------------------------------------------
V
out1
⋅
⎝⎠
⎛⎞
–
=
ΔV
out
ΔT
-----------------max
V
out
Tamb
() V
out
25
° C
()
–
Tamb
25
° C
–
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com