Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC1021
Description  High-side current sense amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021 Datasheet(HTML) 5 Page - STMicroelectronics

  TSC1021 Datasheet HTML 1Page - STMicroelectronics TSC1021 Datasheet HTML 2Page - STMicroelectronics TSC1021 Datasheet HTML 3Page - STMicroelectronics TSC1021 Datasheet HTML 4Page - STMicroelectronics TSC1021 Datasheet HTML 5Page - STMicroelectronics TSC1021 Datasheet HTML 6Page - STMicroelectronics TSC1021 Datasheet HTML 7Page - STMicroelectronics TSC1021 Datasheet HTML 8Page - STMicroelectronics TSC1021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TSC1021
Electrical characteristics
Doc ID 17857 Rev 1
5/12
4
Electrical characteristics
The electrical characteristics given in the following tables are measured under the following
test conditions unless otherwise specified: Tamb = 25°C, VCC = 5 V, Vsense = Vp-Vm = 50 mV,
Vm = 12 V, no load on Out, all gain configurations.
Table 4.
Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0 V
-40°C < Tamb < 125°C
300
µA
ICC1
Total supply current
Vsense = 50 mV
-40°C < Tamb < 125°C
450
µA
Table 5.
Electrical performances
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CMR
DC common-mode rejection
Variation of Vout versus Vm referred
to input(1)
2.8 V< Vm < 30 V
-40°C < Tamb < 125°C
90
105
dB
AC CMR
AC common mode rejection
Variation of Vout versus Vm referred
to input (peak-to-peak voltage
variation)
2.8 V< Vm < 30 V
DC to 1 kHz sine wave
75
dB
SVR
Supply voltage rejection
Variation of Vout versus VCC
(1)
3.5 V< VCC < 5.5 V
-40°C< Tamb < 125°C
80
95
dB
Vos
Input offset voltage(1)
2.8 V< Vm < 30 V
Tamb = 25° C
-40°C < Tamb < 125°C
±1.5
±2.3
mV
dVos/dT
Input offset drift vs. T
-40°C< Tamb < 125°C
8
µV/°C
dVout/dT
Output voltage drift vs. T
-40°C< Tamb < 125°C
100
ppm/°C
Ilk
Input leakage current
VCC = 0 V
-40°C < Tamb < 125°C
1µA
Iib
Input bias current
Vsense = 0 V
-40°C < Tamb < 125°C
7µA
Av
Gain
(variation of Vout versus Vsense)
TSC1021A
TSC1021B
20
50
V/V
ΔVout
Total output voltage accuracy(2)
Vsense = 50 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±1.5
±2.5
%
ΔVout
Total output voltage accuracy(2)
Vsense = 100 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±1.5
±2.5
%
ΔVout
Total output voltage accuracy(2)
Vsense = 20 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±7
±9
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com