Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC1021
Description  High-side current sense amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC1021 Datasheet HTML 1Page - STMicroelectronics TSC1021 Datasheet HTML 2Page - STMicroelectronics TSC1021 Datasheet HTML 3Page - STMicroelectronics TSC1021 Datasheet HTML 4Page - STMicroelectronics TSC1021 Datasheet HTML 5Page - STMicroelectronics TSC1021 Datasheet HTML 6Page - STMicroelectronics TSC1021 Datasheet HTML 7Page - STMicroelectronics TSC1021 Datasheet HTML 8Page - STMicroelectronics TSC1021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute maximum ratings and operating conditions
TSC1021
4/12
Doc ID 17857 Rev 1
3
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)±20
V
Vi
Current sensing input pin voltages (Vp and Vm)
(1)
1.
Voltage values are measured with respect to the GND pin.
-32 to 60
V
V1
Voltage for Vcc, Out pins(1)
-0.3 to 7
V
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
°C
Rthja
TSSOP8 thermal resistance junction to ambient
120
°C/W
ESD
HBM: human body model for Vp and Vm pins
(2)
4kV
HBM: human body model(2)
2.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(3)
3.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
250
V
CDM: charged device model(4)
4.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
DC supply voltage from Tmin to Tmax
3.5 to 5.5
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C
Vicm
Common mode voltage range (Vm and Vp pins
voltages)
2.8 to 30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com