Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE633 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE633
Description  60V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE633 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE633 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE633
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
2
Packaging Type
SOP-8
8
7
6
5
1
2
3
4
Ordering information
ACE633 XX +
H
Electrical Characteristics (N-Channel)
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
60
V
Drain-Source On Resistance
RDS(ON)
VGS=10V, ID=4.5A
27
35
mΩ
VGS=4.5V, ID=3A
32
40
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1
1.4
3
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=48V, VGS=0V
1
uA
Forward Transconductance
gFS
VDS=15V, ID =5.3V
24
S
Diode Forward Voltage
VSD
ISD=1A, VGS=0V
0.73
1.0
V
Maximum Body-Diode Continuous
Current
Is
3.1
A
FM : SOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com