Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE633 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE633
Description  60V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE633 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE633 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE633
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE633 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate
charge. The complementary MOSFETs may be used in H-bridge, Inverters and other applications.
Features
N-Channel
VDS(V)=60V
ID=5A
RDS(ON)
<35mΩ (V
GS=10V)
<40mΩ (V
GS=4.5V)
P-Channel
VDS(V)=-60V
ID=-3.5A
RDS(ON)
<75
mΩ (V
GS=-10V)
<90
mΩ (V
GS=-4.5V)
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
N-Channel P-Channel
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (TJ=150℃)
*AC
TA=25℃
ID
5
-3.5
A
TA=70℃
4
-2.8
Drain Current (pulse) * B
IDM
22
-22
A
Power Dissipation
TA=25℃
PD
2
2
W
TA=70℃
1.3
1.3
Operating Junction Temperature
TJ
-55 to 150
OC
Storage Temperature Range
TSTG
-55 to 150
OC


Similar Part No. - ACE633

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE6344B ACE-ACE6344B Datasheet
937Kb / 11P
N and P-Channel Enhancement Mode MOSFET
VER 1.1
ACE636B ACE-ACE636B Datasheet
505Kb / 5P
Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
More results

Similar Description - ACE633

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612_10 Datasheet
482Kb / 9P
60V Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com