Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE633 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE633
Description  60V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE633 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE633 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE633
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
3
Switching
Total Gate Charge
Qg
VDS=30V, VGS=5V,
ID=5.3A
11.26
14.64
nC
Gate-Source Charge
Qgs
3.77
4.9
Gate-Drain Charge
Qgd
4.08
5.3
Turn-On Delay Time
td(on)
VGS=4.5V, VDS=30V,
RL=6.8Ω
ID=-0.5A, RGEN=1Ω
18.12
36.24
ns
Turn-On Rise Time
tr
17.68
35.36
Turn-Off Delay Time
td(off)
25
50
Turn- Off Rise Time
tf
8.92
17.84
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=30V,
f=1MHZ
1062.8
pF
Output Capacitance
Coss
157.26
Reverse Transfer capacitance
Crss
56.56
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Typical Characteristics (N-Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com