Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE633 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE633
Description  60V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE633 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE633 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE633 Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE633
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
6
Electrical Characteristics (P-Channel)
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
-60
V
Drain-Source On Resistance
RDS(ON)
VGS=-10V, ID=-4.5A
64
75
VGS=-4.5V, ID=-3A
79
90
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
-1.7
-2.5
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=-48V, VGS=0V
-1
uA
Forward Transconductance
gFS
VDS=-10V, ID =-7V
9
S
Diode Forward Voltage
VSD
ISD=-1A, VGS=0V
-0.76
-1.0
V
Maximum Body-Diode
Continuous Current
Is
-3
A
Switching
Total Gate Charge
Qg
VDS=-30V, VGS=-10V,
ID=-7A
15
19
nC
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
3
Turn-On Delay Time
td(on)
VGS=-10V, VDS=-30V,
RL=10Ω, RGEN=3Ω
8
16
ns
Turn-On Rise Time
tr
3.8
7.6
Turn-Off Delay Time
td(off)
31.5
63
Turn- Off Rise Time
tf
7.5
15
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-30V, f=1MHZ
760
pF
Output Capacitance
Coss
90
Reverse Transfer capacitance
Crss
40
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com