Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 53Page - STMicroelectronics STA381BW Datasheet HTML 54Page - STMicroelectronics STA381BW Datasheet HTML 55Page - STMicroelectronics STA381BW Datasheet HTML 56Page - STMicroelectronics STA381BW Datasheet HTML 57Page - STMicroelectronics STA381BW Datasheet HTML 58Page - STMicroelectronics STA381BW Datasheet HTML 59Page - STMicroelectronics STA381BW Datasheet HTML 60Page - STMicroelectronics STA381BW Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 171 page
background image
STA381BW
Register description: New Map
Doc ID 018835 Rev 7
57/171
6.12
HPCFG register (addr 0x10)
6.13
Configuration register A (addr 0x11)
6.13.1
Master clock select
The STA381BW supports sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
●
32.768 MHz for 32 kHz
●
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
●
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin or BICKI pin (depending on the MCS
settings) must be a multiple of the input sampling frequency (fs).
The relationship between the input clock (either XTI or BICKI) and the input sampling rate is
determined by both the MCSx and the IR (input rate) register bits. The MCSx bits determine
the PLL factor generating the internal clock and the IR bit determines the oversampling ratio
used internally. In Table 28 MCS 111 and 110 indicate that BICKI has to be used as the
clock source, while XTI is used in all the other cases.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MUTE
00
00
00
0
1
Table 26.
HPCFG register
Bit
R/W
RST
Name
Description
0R/W
1
MUTE
‘0’: HP/Line out is ON
‘1’: HP/LIne out is muted
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
Reserved
Reserved
IR1
IR0
MCS2
MCS1
MCS0
01
10
01
1
1
Table 27.
Master clock select
Bit
R/W
RST
Name
Description
0R/W
1
MCS0
Selects the ratio between the input I2S sampling
frequency and the input clock.
1R/W
1
MCS1
2R/W
1
MCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com