Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 78Page - STMicroelectronics STA381BW Datasheet HTML 79Page - STMicroelectronics STA381BW Datasheet HTML 80Page - STMicroelectronics STA381BW Datasheet HTML 81Page - STMicroelectronics STA381BW Datasheet HTML 82Page - STMicroelectronics STA381BW Datasheet HTML 83Page - STMicroelectronics STA381BW Datasheet HTML 84Page - STMicroelectronics STA381BW Datasheet HTML 85Page - STMicroelectronics STA381BW Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 171 page
background image
Register description: New Map
STA381BW
82/171
Doc ID 018835 Rev 7
Writing a set of coefficients to RAM
1.
Write 6 bits of the starting address to I2C register 0x27.
2.
Write the top 8 bits of coefficient b1 in I2C address 0x28.
3.
Write the middle 8 bits of coefficient b1 in I2C address 0x29.
4.
Write the bottom 8 bits of coefficient b1 in I2C address 0x2A.
5.
Write the top 8 bits of coefficient b2 in I2C address 0x2B.
6.
Write the middle 8 bits of coefficient b2 in I2C address 0x2C.
7.
Write the bottom 8 bits of coefficient b2 in I2C address 0x2D.
8.
Write the top 8 bits of coefficient a1 in I2C address 0x2E.
9.
Write the middle 8 bits of coefficient a1 in I2C address 0x2F.
10. Write the bottom 8 bits of coefficient a1 in I2C address 0x30.
11. Write the top 8 bits of coefficient a2 in I2C address 0x31.
12. Write the middle 8 bits of coefficient a2 in I2C address 0x32.
13. Write the bottom 8 bits of coefficient a2 in I2C address 0x33.
14. Write the top 8 bits of coefficient b0 in I2C address 0x34.
15. Write the middle 8 bits of coefficient b0 in I2C address 0x35.
16. Write the bottom 8 bits of coefficient b0 in I2C address 0x36.
17. Write 1 to the WA bit in I2C address 0x37.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the
STA381BW generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com