Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 29Page - STMicroelectronics STA381BW Datasheet HTML 30Page - STMicroelectronics STA381BW Datasheet HTML 31Page - STMicroelectronics STA381BW Datasheet HTML 32Page - STMicroelectronics STA381BW Datasheet HTML 33Page - STMicroelectronics STA381BW Datasheet HTML 34Page - STMicroelectronics STA381BW Datasheet HTML 35Page - STMicroelectronics STA381BW Datasheet HTML 36Page - STMicroelectronics STA381BW Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 171 page
background image
STA381BW
Device overview
Doc ID 018835 Rev 7
33/171
4.3.5
Attenuator
The attenuation is characterized by two different phases: attack and release.
Given an input signal above the limiter threshold, during the attack phase the STC
decreases the gain in order to reach the output level determined by the mapper. In this
process the key parameter is the attack rate (dB/ms) which determines how fast the STC
reacts according to the following equation:
where:
●
Output Signal Level is the attenuated signal coming from the attenuator block itself and
used as feedback
●
Mapper Level is the target signal level to be reached
The attack rate is user-selectable and its range is [0, +16] dB/ms with a 0.25 dB/ms step.
Given an input signal moving below the limiter threshold, during the release phase the STC
increases the gain in order to return the original input signal dynamic. In this process the key
parameter is the release rate (dB/ms) which determines how fast the STC releases the
attenuation on the input signal according to the following equation:
The release rate is user-selectable and its range is [0.0078, 1) dB/ms with a 0.0039 dB/ms
step.
4.3.6
Dynamic attack
Due to its dynamic, the input signal may exceed the limiter threshold by a variable amount of
decibels. In such different situations it might be useful to be able to tune the attack rate to
make the STC react slower or faster depending on the context. The attack rate value, set by
the user, can be dynamically varied through the dynamic attack rate (DAR). It is a parameter
(expressed in ms/dB) acting as a weighted coefficient, multiplying the difference between
the attenuator output signal and the mapper target level. The dynamic attack rate affects the
user-programmed attack rate according to the following equations:
The DAR is user-definable and its range of values is [0, +1) ms/dB, (Table 12) with a
0.0039 ms/dB step. The DAR is the same for all 4 sub-bands.
AttackTime
OutputSignalLevel
MapperLevel
–
AttackRate
---------------------------------------------------------------------------------------------------
=
ReleaseTime
OutputSignalLevel
MapperLevel
–
ReleaseRate
---------------------------------------------------------------------------------------------------
=
DynamicAttackTime
OutputSignalLevel
MapperLevel
–
() DAR
×
=
AttackTime
OutputSignalLevel
MapperLevel
–
AttackRate
---------------------------------------------------------------------------------------------------
DynamicAttackTime
+
=
AttackRate
⇒
OutputSignalLevel
MapperLevel
–
AttackTime
DynamicAttackTime
–
---------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com