Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 24Page - STMicroelectronics STA381BW Datasheet HTML 25Page - STMicroelectronics STA381BW Datasheet HTML 26Page - STMicroelectronics STA381BW Datasheet HTML 27Page - STMicroelectronics STA381BW Datasheet HTML 28Page - STMicroelectronics STA381BW Datasheet HTML 29Page - STMicroelectronics STA381BW Datasheet HTML 30Page - STMicroelectronics STA381BW Datasheet HTML 31Page - STMicroelectronics STA381BW Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 171 page
background image
Device overview
STA381BW
28/171
Doc ID 018835 Rev 7
4.2
Input oversampling
Figure 4 shows the input oversampling block in front of the main processing. When 32 kHz
Fs is used, the default x2 oversampling ratio can be increased to a x3.
Activating this feature, it is possible to have a 384 kHz PWM switching frequency (instead of
the default 256 kHz) when 32 kHz Fs is used.
When bit 0 of register PLLCFG1 is set to one, the feature is activated so that the PLL ratio is
modified to generate 49.152 MHz internal clock and the audio data path (after the input
oversampling block) is running at 96 kHz.
It is not recommended to use the x3 oversampling feature when Fs > 32 kHz because of the
PLL maximum frequency constraint.
4.3
STCompressorTM
The STCompressorTM (STC from now on) is a stereo, dual-band Dynamic Range Control
(DRC) and its main purpose is to provide optimum output power level control for speaker
protection, preserving as much as possible the original audio quality of the signal.
Two main I2C registers control the STC behavior: STCCFG0 and STCCFG1. On top of the
data flow control bits, these registers also allow enabling the checksum engine to protect the
STC filters from erroneous coefficients downloads, thus improving the final application
circuitry and safety of the speakers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com