Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 106 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 102Page - STMicroelectronics STA381BW Datasheet HTML 103Page - STMicroelectronics STA381BW Datasheet HTML 104Page - STMicroelectronics STA381BW Datasheet HTML 105Page - STMicroelectronics STA381BW Datasheet HTML 106Page - STMicroelectronics STA381BW Datasheet HTML 107Page - STMicroelectronics STA381BW Datasheet HTML 108Page - STMicroelectronics STA381BW Datasheet HTML 109Page - STMicroelectronics STA381BW Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BW
106/171
Doc ID 018835 Rev 7
7.1
Configuration register A (addr 0x00)
7.1.1
Master clock select
The STA381BW supports sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
●
32.768 MHz for 32 kHz
●
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
●
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin or BICKI pin (depending on MCS
settings) must be a multiple of the input sampling frequency (fs).
The relationship between the input clock (either XTI or BICKI) and the input sampling rate is
determined by both the MCSx and the IR (input rate) register bits. The MCSx bits determine
the PLL factor generating the internal clock and the IR bit determines the oversampling ratio
used internally. In Table 102 MCS 111 and 110 indicate that BICKI has to be used as the
clock source, while XTI is used in all the other cases.
Note:
(*) Clock is BICKI
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
Reserved
Reserved
IR1
IR0
MCS2
MCS1
MCS0
01
10
01
1
1
Table 101.
Master clock select
Bit
R/W
RST
Name
Description
0R/W
1
MCS0
Selects the ratio between the input I2S sampling
frequency and the input clock.
1R/W
1
MCS1
2R/W
1
MCS2
Table 102.
Input sampling rates
Input
sampling rate
fs (kHz)
IR
MCS[2:0]
111
110
101
100
011
010
001
000
32, 44.1, 48
00
64*fs(*)
NA
576 * fs 128 * fs 256 * fs 384 * fs 512 * fs 768 * fs
88.2, 96
01
64*fs(*) 32*fs(*)
NA
64 * fs
128 * fs 192 * fs 256 * fs 384 * fs
176.4, 192
1X
64*fs(*) 32*fs(*)
NA
32 * fs
64 * fs
96 * fs
128 * fs 192 * fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com