Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 144 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 140Page - STMicroelectronics STA381BW Datasheet HTML 141Page - STMicroelectronics STA381BW Datasheet HTML 142Page - STMicroelectronics STA381BW Datasheet HTML 143Page - STMicroelectronics STA381BW Datasheet HTML 144Page - STMicroelectronics STA381BW Datasheet HTML 145Page - STMicroelectronics STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BW
144/171
Doc ID 018835 Rev 7
7.16.3
Extended attack rate
The attack rate shown in Table 146 can be extended to provide up to an 8 dB/ms attack rate
on both limiters.
Table 155.
Extended attack rate, limiter 1
Table 156.
Extended attack rate, limiter 2
7.16.4
Extended BIQUAD selector
Bass and treble controls can be configured as user-defined filters when the equalization
coefficients link is activated (BQL = 1) and the corresponding BQx bit is set to 1.
Table 157.
Extended biquad selector, biquad 5
Table 158.
Extended biquad selector, biquad 6
Table 159.
Extended biquad selector, biquad 7
When filters from the 5th to 7th are configured as user-programmable, the corresponding
coefficients are stored respectively in addresses 0x20-0x24 (BQ5), 0x25-0x29 (BQ6), 0x2A-
0x2E (BQ7) as given in Table 152.
Note:
BQx bits are ignored if BQL = 0 or if DEMP = 1 (relevant for BQ5) or CxTCB = 1 (relevant for
BQ6 and BQ7).
XAR1
Mode
0
Limiter1 attack rate is configured using Table 146
1
Limiter1 attack rate is 8 dB/ms
XAR2
Mode
0
Limiter2 attack rate is configured using Table 146
1
Limiter2 attack rate is 8 dB/ms
BQ5
Mode
0
Reserved
1
User-defined biquad 5 coefficients are selected
BQ6
Mode
0
Pre-set bass filter selected as per Table 145
1
User-defined biquad 6 coefficients are selected
BQ7
Mode
0
Pre-set treble filter selected as per Table 145
1
User-defined biquad 7 coefficients are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com