Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 150 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics STA381BW Datasheet HTML 149Page - STMicroelectronics STA381BW Datasheet HTML 150Page - STMicroelectronics STA381BW Datasheet HTML 151Page - STMicroelectronics STA381BW Datasheet HTML 152Page - STMicroelectronics STA381BW Datasheet HTML 153Page - STMicroelectronics STA381BW Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BW
150/171
Doc ID 018835 Rev 7
To be noted that once the check is performed, and the tristate released, the short protection
is not active anymore until the next EAPD 0->1 toggling which means that shorts that
happened during normal operation cannot be detected.
To be noted that register 0x47 is meaningful only after the EAPD bit is set to ‘1’ at least
once.
The short-circuit protections implemented are effective only in BTL configuration, and they
must not be activated if a single ended-application scheme is needed.
Figure 42.
Short-circuit detection timing diagram (no short detected)
In Figure 42 the short protection timing diagram is shown. The time information is expressed
in clock cycles, where the clock frequency is defined as in section 7.1.1. The gray color is
used for the SHOKx bits to indicate that the bits are carrying the status of the previous
EAPD 0->1 toggling (to be noted that after reset this state is meaningless since no EAPD
transition occurs). GND-related SHOK bits are updated as soon as the gnd test is
completed, VCC bits are updated after the vcc test is completed, and the SOUT bit is
updated after the shorted output test is completed. The gnd test, vcc test and output test are
always run (if the SHEN bit active and EAPD is toggled to ‘1’), and only if both tests are
successful (no short) do the bridge outputs leave the tristate (indicated by dotted lines in the
figure). If one of the three tests (or all) fail, the power bridge outputs are kept in tristate until
the procedure is restarted with a new EAPD toggling.
In this figure EAPD is intended to be bit 7 of register 0x05.
EAPD
OUT1A
OUT1B
OUT2A
OUT2B
SHOK1[7:4]
SHOK1[3:0]
SHOK2[0]
t
s
e
t
t
r
o
h
S
f
o
d
n
E
t
s
e
t
c
c
v
t
r
a
t
S
t
s
e
t
d
n
g
t
r
a
t
S
44
cycles
50005 cy c les
50005 cy cles
1c yc le
Start o ut test
TBD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com