Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 157 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 153Page - STMicroelectronics STA381BW Datasheet HTML 154Page - STMicroelectronics STA381BW Datasheet HTML 155Page - STMicroelectronics STA381BW Datasheet HTML 156Page - STMicroelectronics STA381BW Datasheet HTML 157Page - STMicroelectronics STA381BW Datasheet HTML 158Page - STMicroelectronics STA381BW Datasheet HTML 159Page - STMicroelectronics STA381BW Datasheet HTML 160Page - STMicroelectronics STA381BW Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 171 page
background image
STA381BW
Register description: Sound Terminal compatibility
Doc ID 018835 Rev 7
157/171
Table 174.
Manual threshold register 0x2E, 0x2F and 0x5E
7.25
Headphone/Line out configuration register (address 0x55)
D7
D6
D5
D4
D3
D2
D1
D0
ReservedT
Reserved
MTH[21:16]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
MTH[15:8]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
MTH[7:0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
HPLN
Reserved
MUTE
Reserved
CPFEN
CPOK
ABFAULT
DCROK
00
10
0
NA
NA
NA
Table 175.
Headphone/Line out configuration bits
Bit
R/W
RST
Name
Description
7R/W
0
HPLN
When F3X is connected to the internal HP/Line
driver this bit selects the gain of the F3X->analog out
path.
‘0’: HP out. When the MVOL+Channel Vol is 0 dBFs,
a 0 dBFs input will generate a 40 mW output on a
32 ohm load (+/- 3.3 V supply).
‘1’:Line out. When the MVOL+Channel Vol is
0 dBFs, a 0 dBFs input will generate a 2 Vrms output
(+/- 3.3 V supply)
5R/W
1
MUTE
‘1’: HP/Line out muted
‘0’: HP/Line out playing
3
R/W
0
CPFEN
‘0’: Charge pump auto enable when unmute
‘1’: Charge pump is always enabled
2
R
NA
CPOK
‘0’: Charge pump is not working
‘1’: Charge pump is working and it is OK
1
R
NA
ABFAULT
‘0’: No fault on class-AB
‘1’: Overcurrent fault detected on class-AB
0
R
NA
DCROK
‘1’: core supply OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com