Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA2003A
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA2003A Datasheet HTML 8Page - STMicroelectronics TDA2003A Datasheet HTML 9Page - STMicroelectronics TDA2003A Datasheet HTML 10Page - STMicroelectronics TDA2003A Datasheet HTML 11Page - STMicroelectronics TDA2003A Datasheet HTML 12Page - STMicroelectronics TDA2003A Datasheet HTML 13Page - STMicroelectronics TDA2003A Datasheet HTML 14Page - STMicroelectronics TDA2003A Datasheet HTML 15Page - STMicroelectronics TDA2003A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application information
TDA2003A
12/19
Doc ID 018796 Rev 4
3
Application information
Figure 20.
Typical application circuit
Figure 21.
Printed circuit board and component layout for typical application circuit
3.1
Built-in protection systems
3.1.1
Load dump voltage surge
The TDA2003A has a circuit which enables it to withstand a voltage pulse train, on pin 5, of
the type shown in Figure 23.
If the supply voltage peaks to more than 40 V, then an LC filter must be inserted between
the supply and pin 5, in order to ensure that the pulses at pin 5 will be held within the limits
shown in Figure 22.
A recommended LC network is shown in Figure 23. With this network, a train of pulses with
amplitude up to 120 V and width of 2 ms can be applied at point A.
This type of protection is ON when the supply voltage (pulsed or DC) exceeds 18 V. For this
reason the maximum operating supply voltage is 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com