Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA2003A
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA2003A Datasheet HTML 11Page - STMicroelectronics TDA2003A Datasheet HTML 12Page - STMicroelectronics TDA2003A Datasheet HTML 13Page - STMicroelectronics TDA2003A Datasheet HTML 14Page - STMicroelectronics TDA2003A Datasheet HTML 15Page - STMicroelectronics TDA2003A Datasheet HTML 16Page - STMicroelectronics TDA2003A Datasheet HTML 17Page - STMicroelectronics TDA2003A Datasheet HTML 18Page - STMicroelectronics TDA2003A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package information
TDA2003A
16/19
Doc ID 018796 Rev 4
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 26. Pentawatt (vertical) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.80
0.188
C
1.37
0.054
D
2.40
2.80
0.094
0.11
D1
1.20
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
E1
0.76
1.19
0.030
0.047
F
0.80
1.05
0.031
0.041
F1
1.00
1.40
0.039
0.055
G
3.20
3.40
3.60
0.126
0.134
0.142
G1
6.60
6.80
7.00
0.260
0.267
0.275
H2
10.40
0.41
H3
10.40
0.409
L
17.55
17.85
18.15
0.691
0.703
0.715
L1
15.55
15.75
15.95
0.612
0.620
0.628
L2
21.2
21.4
21.6
0.831
0.843
0.850
L3
22.3
22.5
22.7
0.878
0.886
0.894
L4
1.29
0.051
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
L9
2.10
2.70
0.083
0.106
L10
4.30
4.80
0.170
0.189
M
4.23
4.5
4.75
0.167
0.178
0.187
M1
3.75
4.0
4.25
0.148
0.157
0.187
V4
40° (Typ.)
V5
90° (Typ.)
DIA
3.65
3.85
0.143
0.151
Pentawatt V
0015981
L
L1
A
C
L5
D1
L2
L3
E
M1
M
D
H3
Dia.
L7
L9
L10
L6
F1
H2
F
GG1
E1
F
E
V4
RESIN BETWEEN
LEADS
H2
V5
V4
PENTVME
L4
Weight: 2.00gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com