Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003A Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA2003A
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA2003A Datasheet HTML 10Page - STMicroelectronics TDA2003A Datasheet HTML 11Page - STMicroelectronics TDA2003A Datasheet HTML 12Page - STMicroelectronics TDA2003A Datasheet HTML 13Page - STMicroelectronics TDA2003A Datasheet HTML 14Page - STMicroelectronics TDA2003A Datasheet HTML 15Page - STMicroelectronics TDA2003A Datasheet HTML 16Page - STMicroelectronics TDA2003A Datasheet HTML 17Page - STMicroelectronics TDA2003A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application information
TDA2003A
14/19
Doc ID 018796 Rev 4
3.1.7
Thermal shutdown
The presence of a thermal limiting circuit offers the following advantages:
1.
An overload on the output (even if it is permanent), or an excessive ambient
temperature can be easily withstood.
2.
The heatsink can have a smaller factor compared with that of a conventional circuit.
There is no damage to the device in the case of excessive junction temperature: only
Po (and therefore Ptot) and Id are reduced.
3.2
Practical considerations
3.2.1
Printed circuit board
The layout shown in Figure 21 is recommended. If different layouts are used, the ground
points of input 1 and input 2 must be well decoupled from the ground of the output through
which a rather high current flows.
3.2.2
Assembly recommendations
No electrical insulation is required between the package and the heatsink. Pin length should
be as short as possible. The soldering temperature must not exceed 260 °C for 12 seconds.
Figure 24.
Output power and drain current vs.
case temperature (RL = 4 Ω)
Figure 25.
Output power and drain current vs.
case temperature (RL = 2 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com