Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA2003A
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA2003A Datasheet HTML 11Page - STMicroelectronics TDA2003A Datasheet HTML 12Page - STMicroelectronics TDA2003A Datasheet HTML 13Page - STMicroelectronics TDA2003A Datasheet HTML 14Page - STMicroelectronics TDA2003A Datasheet HTML 15Page - STMicroelectronics TDA2003A Datasheet HTML 16Page - STMicroelectronics TDA2003A Datasheet HTML 17Page - STMicroelectronics TDA2003A Datasheet HTML 18Page - STMicroelectronics TDA2003A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TDA2003A
Package information
Doc ID 018796 Rev 4
17/19
Figure 27. Pentawatt (horizontal) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
L
D
E
L3
L2
L7
L4
L5
F1
Resin between
leads
L6
L9
L10
F
G
G1
H2
L1
H3
Dia.
CA
D1
PENTHME.EPS
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.80
0.188
C
1.37
0.054
D
2.40
2.80
0.094
0.11
D1
1.20
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.80
1.05
0.031
0.041
F1
1.00
1.40
0.039
0.055
G
3.20
3.40
3.60
0.126
0.134
0.142
G1
6.60
6.80
7.00
0.260
0.267
0.275
H2
10.40
0.41
H3
10.05
10.40
0.395
0.409
L
14.20
15.00
0.56
0.59
L1
5.70
6.20
0.224
0.244
L2
14.60
15.20
0.574
0.598
L3
3.50
4.10
0.137
.161
L4
1.29
0.05
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
L9
2.10
2.70
0.083
0.106
L10
4.30
4.80
0.170
0.189
DIA
3.65
3.85
0.143
0.151
Pentawatt H
0015982



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com