Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 2Page - STMicroelectronics TDA2004R Datasheet HTML 3Page - STMicroelectronics TDA2004R Datasheet HTML 4Page - STMicroelectronics TDA2004R Datasheet HTML 5Page - STMicroelectronics TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
TDA2004R
6/17
Doc ID 17614 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the stereo application circuit Tamb = 25 °C; Gv = 50 dB; Rth(heatsink) = 4 °C/W unless
otherwise specified
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
18
V
DC supply voltage
28
Peak supply voltage (50 ms)
40
Io(1)
1.
The max. output current is internally limited.
Output peak current (non repetitive t = 0.1 ms)
4.5
A
Output peak current (repetitive f
≥10 Hz)
3.5
Ptot
Power dissipation at Tcase = 60 °C
30
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-to-case
max
3
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
8
18
V
Vo
Quiescent offset voltage
VS = 14.4 V
VS = 13.2 V
6.6
6
7.2
6.6
7.8
7.2
V
V
Id
Total quiescent drain current
VS = 14.4 V
VS = 13.2 V
-
65
62
120
120
mA
mA
Po
Output power (each channel)
f = 1 kHz; THD = 10 %
VS = 14.4 V; RL = 4 Ω
VS = 14.4 V; RL = 3.2 Ω
VS = 14.4 V; RL = 2 Ω
VS = 14.4 V; RL = 1.6 Ω
6
7
9
10
6.5
8
10
11
-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com