Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2004R Datasheet HTML 1Page - STMicroelectronics TDA2004R Datasheet HTML 2Page - STMicroelectronics TDA2004R Datasheet HTML 3Page - STMicroelectronics TDA2004R Datasheet HTML 4Page - STMicroelectronics TDA2004R Datasheet HTML 5Page - STMicroelectronics TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2010
Doc ID 17614 Rev 1
1/17
1
TDA2004R
10 + 10 W stereo amplifier for car radio
Features
Low distortion
Low noise
Protection against:
– Output AC short circuit to ground
– Overrating chip temperature
– Load dump voltage surge
– Fortuitous open ground
– Very inductive loads
Description
The TDA2004R is a class B dual audio power
amplifier in Multiwatt11 package specifically
designed for car radio applications.
Power booster amplifiers can be easily designed
using this device that provides a high current
capability (up to 3.5 A) and can drive very low
impedance loads (down to 1.6
Ω).
The TDA2004R allows very compact applications
because few external components are required
and it doesn't need electrical insulation between
the package and the heatsink.
Multiwatt11
Table 1.
Device summary
Order code
Package
Packing
TDA2004R
Multiwatt11
Tube
www.st.com


Similar Part No. - TDA2004R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
316Kb / 17P
10 10 W stereo amplifier for car radio
18-Sep-2013
TDA2004R STMICROELECTRONICS-TDA2004R_V01 Datasheet
316Kb / 17P
10 10 W stereo amplifier for car radio
18-Sep-2013
More results

Similar Description - TDA2004R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
logo
Unisonic Technologies
TDA2004 UTC-TDA2004_15 Datasheet
316Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
10 W car radio audio amplifier
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com