Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 5Page - STMicroelectronics TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics TDA2004R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TDA2004R
Electrical specifications
Doc ID 17614 Rev 1
9/17
2.5
Electrical characteristics curves
Figure 4.
Quiescent output voltage vs. sup-
ply voltage
Figure 5.
Quiescent drain current vs. supply
voltage
Figure 6.
Distortion vs. output power
Figure 7.
Output power vs. supply voltage,
RL = 2 and 4 Ω
Figure 8.
Output power vs. supply voltage,
RL = 1.6 and 3.2Ω
Figure 9.
Distortion vs. frequency, RL = 2 and
4
Ω
V
O
(V)
8
5
6
7
4
10
12
14
16
Vs (V)
08
I
d
(mA)
100
80
60
40
20
10
12
14
16
Vs (V)
08
d
(%)
2
4
6
8
0
0.01
0.1
1
Po (W)
f = 1 kHz
Gv = 50 dB
Vs = 13.2 V RL = 1.6 Ω
Vs = 14.4 V RL = 2 Ω
Vs = 13.2 V RL = 3.2 Ω
Vs = 14.4 V RL = 4 Ω
Vs (V)
Po
(W)
15
12
9
6
3
0
8
10
12
14
16
f = 1 kHz
Gv = 50 dB
d = 10 %
RL = 2 Ω
RL = 4 Ω
Vs (V)
Po
(W)
15
12
9
6
3
0
8
10
12
14
16
f = 1 kHz
Gv = 50 dB
d = 10 %
RL = 1.6 Ω
RL = 3.2 Ω
d
(%)
1.2
0.8
0.4
10
f (Hz)
10
2
10
3
10
4
Vs = 14.4 V
Gv = 50 dB
Po = 2.5 W
R
L = 2 Ω
Po = 2.5 W
R
L = 4 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com