Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004R Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics TDA2004R Datasheet HTML 13Page - STMicroelectronics TDA2004R Datasheet HTML 14Page - STMicroelectronics TDA2004R Datasheet HTML 15Page - STMicroelectronics TDA2004R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application suggestion
TDA2004R
12/17
Doc ID 17614 Rev 1
3
Application suggestion
The recommended values of the components are those shown on application circuit of
Figure 2. Different values can be used; the following table can help the designer.
3.1
Built-in protection systems
3.1.1
Load dump voltage surge
The TDA2004R has a circuit which enables it to withstand voltage pulse train, on Pin 9, of
the type shown in Figure 20. If the supply voltage peaks to more than 40 V, then an LC filter
must be inserted between the supply and pin 9, in order to assure that the pulses at pin 9
will be held within the limits shown.
A suggested LC network is shown in Figure 19. With this network, a train of pulses with
amplitude up to 120 V and width of 2 ms can be applied at point A. This type of protection is
ON when the supply voltage (pulse or DC) exceeds 18 V. For this reason the maximum
operating supply voltage is 18 V.
Table 5.
Recommended values of the component of the application circuit
Component
Recommended
value
Purpose
Larger than
Smaller than r
R1
120 k
Ω
Optimization of the
output signal symmetry
Smaller Pomax
Smaller Pomax
R2, R4
1 k
Ω
Closed loop gain setting
(1)
Increase of gain
Decrease of gain
R3, R5
3.3
Ω
Decrease of gain
Increase of gain
R6, R7
1
Ω
Frequency stability
Danger of oscillation
at high frequency with
inductive load
C1, C2
2.2
μF
Input DC decoupling
High turn-on delay
High turn-on pop, higher
low frequency cutoff.
Increase of noise
C3
10
μF
Ripple rejection
Increase of SVR,
Increase of the switch-on
time
Degradation of SVR
C4, C6
100
μF
Bootstrapping
-
Increase of distortion at
low frequency
C5, C7
100
μF
Feedback input DC
decoupling
--
C8, C9
0.1
μF
Frequency stability
-
Danger of oscillation
C10, C11
1000 to 2200
μF
Output DC decoupling
-
Higher low-frequency
cut-off
1.
The closed loop gain must be higher than 26 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com