Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7570 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7570 Datasheet HTML 5Page - STMicroelectronics TDA7570 Datasheet HTML 6Page - STMicroelectronics TDA7570 Datasheet HTML 7Page - STMicroelectronics TDA7570 Datasheet HTML 8Page - STMicroelectronics TDA7570 Datasheet HTML 9Page - STMicroelectronics TDA7570 Datasheet HTML 10Page - STMicroelectronics TDA7570 Datasheet HTML 11Page - STMicroelectronics TDA7570 Datasheet HTML 12Page - STMicroelectronics TDA7570 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TDA7570
Electrical specifications
9/17
PROTECTIONS
Thwc
Chip thermal warning intervention
150
°C
Tsdc
Thermal shut-down chip
160
°C
Tsdch
Thermal shut-down chip hysteresis
10
°C
Thws
External thermal warning
intervention
5Vdig
x 0.45
5Vdig
x 0.48
5Vdig
x 0.51
V
Tsds
External thermal shut-down
intervention
5Vdig
x 0.37
5Vdig
x 0.4
5Vdig
x 0.43
V
Tsdsh
External thermal shut-down
hysteresis
5Vdig
x 0.037
5Vdig
x 0.04
5Vdig
x 0.043
V
Vpp
Protection intervention voltage
Pchannel (Vspx1-Vspx2)
85
100
120
mV
Vpn
Protection intervention voltage
Nchannel (Vsnx2-Vsnx1)
85
100
120
mV
Ispx1
Current input pins 7, 13
150
200
260
μA
Isnx1
Current output pins 24, 61
-150
-200
-260
μA
DRIVERS
Vhgp
High level output voltage (Gpl, Gpr)
+Vs-10
V
Vlgp
Low level output voltage (Gpl, Gpr)
+Vs
V
Vhgn
High level output voltage (Gnl, Gnr)
-Vs
V
Vlgn
Low level output voltage (Gnl, Gnr)
-Vs+10
V
Ihgp
High level output sink current
(Gpl, Gpr, peak)
2.2
A
Ilgp
Low level output source current
(Gpl, Gpr, peak)
2.7
A
Ihgn
High level output sink current
(Gnl, Gnr, peak)
2.5
A
Ilgn
Low level output source current
(Gnl, Gnr, peak)
1.7
A
INTERNAL POWER SUPPLY
5Vdig
5Vdig pin output voltage
Reference: dgnd pin
4.3
4.8
5.3
V
2.5V
2.5V pin output voltage
Reference: sgnd pin
2.15
2.4
2.65
V
-2.5V
-2.5V pin output voltage
Reference: sgnd pin
-2.15
-2.4
-2.65
V
Vref1
Vref1 pin output voltage
Reference: + Vs pin
8.6
9.6
10.6
V
Vrefl/Vrefr Vrefl, Vrefr pin output voltage
Reference: - Vs pin
-8.6
-9.6
-10.6
V
Table 5.
Electrical characteristics (continued)
(VS = ±25V, RL = 4Ω, f = 100Hz, Tj = 25°C, Gain = 28dB, application circuit shown in
Figure 3, 2x65/1x130W system, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com