Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7570 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7570 Datasheet HTML 8Page - STMicroelectronics TDA7570 Datasheet HTML 9Page - STMicroelectronics TDA7570 Datasheet HTML 10Page - STMicroelectronics TDA7570 Datasheet HTML 11Page - STMicroelectronics TDA7570 Datasheet HTML 12Page - STMicroelectronics TDA7570 Datasheet HTML 13Page - STMicroelectronics TDA7570 Datasheet HTML 14Page - STMicroelectronics TDA7570 Datasheet HTML 15Page - STMicroelectronics TDA7570 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Functions, pins and components description
TDA7570
12/17
4
Functions, pins and components description
4.1
Components with critical placement and type:
●
Ci-L1, Ci-L2, Ci-R1, Ci-R2 must be placed as near as possible to the sources of the
respective power MOS. If 2 power MOS in parallel are needed, can be useful to place a
couple of capacitors for each couple of power MOS. These capacitors are needed to
absorb the high di/dt current present during the Pchannel/Nchannel and
Nchannel/Pchannel transition that can cause high peak voltages on the power supply
wiring connection due to their parasitic inductance.
●
The capacitors placed between +Vs to GND and to -Vs are distributed along the power
lines. With P.C. board with very short connections, some of these capacitors can be
avoided (Cvs-1, Cvs-2, Cd3, Cd4, Cd5, Cd6).
●
The current sensing resistors Rsens-N-L, Rsens-P-L, Rsens-P-R and Rsens-N-R must
be not inductive components, as example, made by a costant an wire.
4.2
Input capacitors
●
The value of the input capacitors (Cin-L+, Cin-L-, Cin-R+, Cin-R- depends on the
desired -3dB high pass cutoff frequency, following the formula:
4.3
Short circuit protection current calculation
Figure 4.
Short circuit protection current diagram (example for the N-channel)
← if Rp2 is not used
F3dB
()
1
6.28 10000 C
in
⋅⋅
----------------------------------------------
=
Cfil (typ 2.2nF)
to -Vs
Rsens
(not inductive resistor)
Typ. Values = 10 – 30 mOhm
Rfil (typ. 100 Ohm)
Rp1 (typ=4.7kOhm)
Rp2
Vfil = Ispx1 x Rfil = 20mV Typ
SPx1 pin
SPx2 pin
TDA7570
Vp=100mV Typ
comparator
Imos
I
lim
1
Rsens
------------------ Vpx
Rp1
Rp2
+
()
⋅
Rp2
--------------------------------------------------
Vfil
+
⎝⎠
⎛⎞
=
I
lim
1
Rsens
------------------ Vpx
Vfil
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com